Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 62 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 58Page - Renesas Technology Corp H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp H8S/2114R Datasheet HTML 64Page - Renesas Technology Corp H8S/2114R Datasheet HTML 65Page - Renesas Technology Corp H8S/2114R Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 14 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
KIN15 to
KIN0
33 to 35,
37 to 41,
85 to 78
Input
Matrix keyboard input pins. All pins have a wake-
up function. Normally,
KIN0 to KIN15 function as
key scan inputs, and P10 to P17 and P20 to P27
function as key scan outputs. Thus, composed
with a maximum of 16 outputs x 16 inputs, a 256-
key matrix can be configured.
WUE15 to
WUE8
87 to 94
Keyboard
control
WUE7 to
WUE0
113 to 120
Input
Wake-up event input pins. Same wake up as key
wake up can be performed with various sources.
AN7 to AN0 75 to 68
Input
Analog input pins
ADTRG
24
Input
External trigger input pin to start A/D conversion
AVCC
76
Input
Analog power supply pin. When the A/D
converter is not used, this pin should be
connected to the system power supply (+3.3 V).
AVref
77
Input
Reference power supply pin for the A/D
converter. When the A/D converter is not used,
this pin should be connected to the system power
supply (+3.3 V).
A/D
converter
AVSS
67
Input
Ground pin for the A/D converter. This pin should
be connected to the system power supply (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com