| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xx of xlviii 12.8.3 Conflict between TCNT Write and Clear Operations........................................... 369 12.8.4 Conflict between TCNT Write and Increment Operations ................................... 369 12.8.5 Conflict between TGR Write and Compare Match............................................... 370 12.8.6 Conflict between Buffer Register Write and Compare Match .............................. 371 12.8.7 Conflict between TGR Read and Input Capture ................................................... 372 12.8.8 Conflict between TGR Write and Input Capture .................................................. 373 12.8.9 Conflict between Buffer Register Write and Input Capture.................................. 374 12.8.10 Conflict between Overflow/Underflow and Counter Clearing ............................. 375 12.8.11 Conflict between TCNT Write and Overflow/Underflow .................................... 376 12.8.12 Multiplexing of I/O Pins ....................................................................................... 376 12.8.13 Module Stop Mode Setting ................................................................................... 376 Section 13 8-Bit Timer (TMR).......................................................................... 377 13.1 Features.............................................................................................................................. 377 13.2 Input/Output Pins ...............................................................................................................381 13.3 Register Descriptions ......................................................................................................... 382 13.3.1 Timer Counter (TCNT)......................................................................................... 383 13.3.2 Time Constant Register A (TCORA) ................................................................... 383 13.3.3 Time Constant Register B (TCORB) .................................................................... 384 13.3.4 Timer Control Register (TCR).............................................................................. 384 13.3.5 Timer Control/Status Register (TCSR)................................................................. 389 13.3.6 Time Constant Register C (TCORC) .................................................................... 394 13.3.7 Input Capture Registers R and F (TICRR and TICRF)......................................... 394 13.3.8 Timer Input Select Register (TISR) ...................................................................... 395 13.3.9 Timer Connection Register I (TCONRI) .............................................................. 395 13.3.10 Timer Connection Register S (TCONRS) ............................................................ 396 13.3.11 Timer XY Control Register (TCRXY) ................................................................. 396 13.4 Operation ........................................................................................................................... 397 13.4.1 Pulse Output ......................................................................................................... 397 13.5 Operation Timing............................................................................................................... 398 13.5.1 TCNT Count Timing ............................................................................................ 398 13.5.2 Timing of CMFA and CMFB Setting at Compare-Match .................................... 399 13.5.3 Timing of Timer Output at Compare-Match......................................................... 399 13.5.4 Timing of Counter Clear at Compare-Match ........................................................ 400 13.5.5 TCNT External Reset Timing............................................................................... 400 13.5.6 Timing of Overflow Flag (OVF) Setting .............................................................. 401 13.6 TMR_0 and TMR_1 Cascaded Connection....................................................................... 402 13.6.1 16-Bit Count Mode ............................................................................................... 402 13.6.2 Compare-Match Count Mode ............................................................................... 402 13.7 TMR_Y and TMR_X Cascaded Connection ..................................................................... 403 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |