| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xl of xlviii Figure 21.18 Memory Map in Programmer Mode...................................................................... 796 Figure 21.19 Boot Program States..............................................................................................798 Figure 21.20 Bit-Rate-Adjustment Sequence ............................................................................. 799 Figure 21.21 Communication Protocol Format .......................................................................... 800 Figure 21.22 Sequence of New Bit Rate Selection..................................................................... 811 Figure 21.23 Programming Sequence......................................................................................... 814 Figure 21.24 Erasure Sequence .................................................................................................. 818 Section 22 Boundary Scan (JTAG) Figure 22.1 JTAG Block Diagram.............................................................................................. 828 Figure 22.2 TAP Controller State Transitions ............................................................................ 843 Figure 22.3 Reset Signal Circuit without Reset Signal Interference .......................................... 847 Figure 22.4 Serial Data Input/Output (1).................................................................................... 848 Figure 22.5 Serial Data Input/Output (2).................................................................................... 848 Section 23 Clock Pulse Generator Figure 23.1 Block Diagram of Clock Pulse Generator ............................................................... 849 Figure 23.2 Typical Connection to Crystal Resonator................................................................ 850 Figure 23.3 Equivalent Circuit of Crystal Resonator.................................................................. 850 Figure 23.4 Example of External Clock Input ............................................................................ 851 Figure 23.5 External Clock Input Timing................................................................................... 852 Figure 23.6 Timing of External Clock Output Stabilization Delay Time................................... 853 Figure 23.7 Subclock Input from EXCL Pin and ExEXCL Pin ................................................. 855 Figure 23.8 Subclock Input Timing............................................................................................ 856 Figure 23.9 Handling of X1 and X2 Pins ................................................................................... 857 Figure 23.10 Note on Board Design of Oscillator Section ......................................................... 857 Section 24 Power-Down Modes Figure 24.1 Mode Transition Diagram ....................................................................................... 867 Figure 24.2 Medium-Speed Mode Timing ................................................................................. 871 Figure 24.3 Software Standby Mode Application Example ....................................................... 873 Figure 24.4 Hardware Standby Mode Timing ............................................................................ 874 Section 26 Electrical Characteristics Figure 26.1 Darlington Transistor Drive Circuit (Example)....................................................... 954 Figure 26.2 LED Drive Circuit (Example) ................................................................................. 954 Figure 26.3 Output Load Circuit ................................................................................................ 955 Figure 26.4 System Clock Timing.............................................................................................. 956 Figure 26.5 Oscillation Stabilization Timing.............................................................................. 957 Figure 26.6 Oscillation Stabilization Timing (Exiting Software Standby Mode)....................... 957 Figure 26.7 Reset Input Timing.................................................................................................. 958 Figure 26.8 Interrupt Input Timing............................................................................................. 959 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |