Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 409 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 405Page - Renesas Technology Corp H8S/2114R Datasheet HTML 406Page - Renesas Technology Corp H8S/2114R Datasheet HTML 407Page - Renesas Technology Corp H8S/2114R Datasheet HTML 408Page - Renesas Technology Corp H8S/2114R Datasheet HTML 409Page - Renesas Technology Corp H8S/2114R Datasheet HTML 410Page - Renesas Technology Corp H8S/2114R Datasheet HTML 411Page - Renesas Technology Corp H8S/2114R Datasheet HTML 412Page - Renesas Technology Corp H8S/2114R Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 361 of 986
REJ09B0098-0300
(2)
Output Compare Output Timing
A compare match signal is generated in the final state in which TCNT and TGR match (the point
at which the count value matched by TCNT is updated). When a compare match signal is
generated, the output value set in TIOR is output at the output compare output pin (TIOC pin).
After a match between TCNT and TGR, the compare match signal is not generated until the
TCNT input clock is generated. Figure 12.32 shows output compare output timing.
TGR
TCNT
TCNT
input clock
N
N
N+1
Compare
match signal
TIOC pin
φ
Figure 12.32 Output Compare Output Timing
(3)
Input Capture Signal Timing
Figure 12.33 shows input capture signal timing.
TCNT
Input capture
input
N
N+1
N+2
N
N+2
TGR
Input capture
signal
φ
Figure 12.33 Input Capture Input Signal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com