Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 432 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 428Page - Renesas Technology Corp H8S/2114R Datasheet HTML 429Page - Renesas Technology Corp H8S/2114R Datasheet HTML 430Page - Renesas Technology Corp H8S/2114R Datasheet HTML 431Page - Renesas Technology Corp H8S/2114R Datasheet HTML 432Page - Renesas Technology Corp H8S/2114R Datasheet HTML 433Page - Renesas Technology Corp H8S/2114R Datasheet HTML 434Page - Renesas Technology Corp H8S/2114R Datasheet HTML 435Page - Renesas Technology Corp H8S/2114R Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 1038 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 3.00 Jul. 14, 2005 Page 384 of 986
REJ09B0098-0300
13.3.3
Time Constant Register B (TCORB)
TCORB is an 8-bit readable/writable register. TCORB_0 and TCORB_1 (or TCORB_X and
TCORB_Y) comprise a single 16-bit register, so they can be accessed together by word access.
TCORB is continually compared with the value in TCNT. When a match is detected, the
corresponding compare-match flag B (CMFB) in TCSR is set to 1. Note however that comparison
is disabled during the T
2 state of a TCORB write cycle. The timer output from the TMO pin can be
freely controlled by these compare-match B signals and the settings of output select bits OS3 and
OS2 in TCSR. TCORB is initialized to H'FF.
13.3.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition by which TCNT is cleared, and
enables/disables interrupt requests.
Bit
Bit Name Initial Value
R/W Description
7
CMIEB
0
R/W Compare-Match Interrupt Enable B
Selects whether the CMFB interrupt request (CMIB) is
enabled or disabled when the CMFB flag in TCSR is set to
1.
0: CMFB interrupt request (CMIB) is disabled
1: CMFB interrupt request (CMIB) is enabled
6
CMIEA
0
R/W Compare-Match Interrupt Enable A
Selects whether the CMFA interrupt request (CMIA) is
enabled or disabled when the CMFA flag in TCSR is set to
1.
0: CMFA interrupt request (CMIA) is disabled
1: CMFA interrupt request (CMIA) is enabled
5
OVIE
0
R/W Timer Overflow Interrupt Enable
Selects whether the OVF interrupt request (OVI) is enabled
or disabled when the OVF flag in TCSR is set to 1.
0: OVF interrupt request (OVI) is disabled
1: OVF interrupt request (OVI) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com