Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 469 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 465Page - Renesas Technology Corp H8S/2114R Datasheet HTML 466Page - Renesas Technology Corp H8S/2114R Datasheet HTML 467Page - Renesas Technology Corp H8S/2114R Datasheet HTML 468Page - Renesas Technology Corp H8S/2114R Datasheet HTML 469Page - Renesas Technology Corp H8S/2114R Datasheet HTML 470Page - Renesas Technology Corp H8S/2114R Datasheet HTML 471Page - Renesas Technology Corp H8S/2114R Datasheet HTML 472Page - Renesas Technology Corp H8S/2114R Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1038 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 3.00 Jul. 14, 2005 Page 421 of 986
REJ09B0098-0300
TCNT value
H'00
Time
H'FF
WT/
IT = 1
TME = 1
Write H'00 to
TCNT
WT/
IT = 1
TME = 1
Write H'00 to
TCNT
518 System clocks
Internal reset signal
WT/
IT
TME
OVF
Overflow
OVF = 1*
: Timer mode select bit
: Timer enable bit
: Overflow flag
Note * After the OVF bit becomes 1, it is cleared to 0 by an internal reset.
The XRST bit is also cleared to 0.
Figure 14.2 Watchdog Timer Mode (RST/
NMI = 1) Operation
14.4.2
Interval Timer Mode
When the WDT is used as an interval timer, an interval timer interrupt (WOVI) is generated each
time the TCNT overflows, as shown in figure 14.3. Therefore, an interrupt can be generated at
intervals. When the TCNT overflows in interval timer mode, an interval timer interrupt (WOVI) is
requested at the same time the OVF flag of TCSR is set to 1. The timing is shown figure 14.4.
TCNT value
H'00
Time
H'FF
WT/
IT = 0
TME = 1
WOVI
Overflow
Overflow
Overflow
Overflow
WOVI : Interval timer interrupt request occurrence
WOVI
WOVI
WOVI
Figure 14.3 Interval Timer Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com