Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 474 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 470Page - Renesas Technology Corp H8S/2114R Datasheet HTML 471Page - Renesas Technology Corp H8S/2114R Datasheet HTML 472Page - Renesas Technology Corp H8S/2114R Datasheet HTML 473Page - Renesas Technology Corp H8S/2114R Datasheet HTML 474Page - Renesas Technology Corp H8S/2114R Datasheet HTML 475Page - Renesas Technology Corp H8S/2114R Datasheet HTML 476Page - Renesas Technology Corp H8S/2114R Datasheet HTML 477Page - Renesas Technology Corp H8S/2114R Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1038 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 3.00 Jul. 14, 2005 Page 426 of 986
REJ09B0098-0300
14.6.3
Changing Values of CKS2 to CKS0 Bits
If CKS2 to CKS0 bits in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before
changing the values of CKS2 to CKS0 bits.
14.6.4
Changing Value of PSS Bit
If the PSS bit in TCSR_1 is written to while the WDT is operating, errors could occur in the
operation. Stop the watchdog timer (by clearing the TME bit to 0) before changing the values of
PSS bit.
14.6.5
Switching between Watchdog Timer Mode and Interval Timer Mode
If the mode is switched from/to watchdog timer to/from interval timer, while the WDT is
operating, errors could occur in the operation. Software must stop the watchdog timer (by clearing
the TME bit to 0) before switching the mode.
14.6.6
System Reset by
RESO Signal
Inputting the
RESO output signal to the RES pin of this LSI prevents the LSI from being
initialized correctly; the
RESO signal must not be logically connected to the RES pin of the LSI.
To reset the entire system by the
RESO signal, use the circuit as shown in figure 14.8.
RES
RESO
This LSI
Reset input
Reset signal for entire system
Figure 14.8 Sample Circuit for Resetting the System by the
RESO Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com