Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 479 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 475Page - Renesas Technology Corp H8S/2114R Datasheet HTML 476Page - Renesas Technology Corp H8S/2114R Datasheet HTML 477Page - Renesas Technology Corp H8S/2114R Datasheet HTML 478Page - Renesas Technology Corp H8S/2114R Datasheet HTML 479Page - Renesas Technology Corp H8S/2114R Datasheet HTML 480Page - Renesas Technology Corp H8S/2114R Datasheet HTML 481Page - Renesas Technology Corp H8S/2114R Datasheet HTML 482Page - Renesas Technology Corp H8S/2114R Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 431 of 986
REJ09B0098-0300
15.3
Register Descriptions
The SCI has the following registers for each channel. Some bits in the serial mode register (SMR),
serial status register (SSR), and serial control register (SCR) have different functions in different
modes
normal serial communication interface mode and smart card interface mode; therefore,
the bits are described separately for each mode in the corresponding register sections.
• Receive shift register (RSR)
• Receive data register (RDR)
• Transmit data register (TDR)
• Transmit shift register (TSR)
• Serial mode register (SMR)
• Serial control register (SCR)
• Serial status register (SSR)
• Smart card mode register (SCMR)
• Bit rate register (BRR)
• Keyboard comparator control register (KBCOMP)*
Note: * KBCOMP is available in SCI_1.
15.3.1
Receive Shift Register (RSR)
RSR is a shift register used to receive serial data that converts it into parallel data. When one
frame of data has been received, it is transferred to RDR automatically. RSR cannot be directly
accessed by the CPU.
15.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores receive data. When the SCI has received one frame of serial
data, it transfers the received serial data from RSR to RDR where it is stored. After this, RSR can
receive the next data. Since RSR and RDR function as a double buffer in this way, continuous
receive operations be performed. After confirming that the RDRF bit in SSR is set to 1, read RDR
for only once. RDR cannot be written to by the CPU. The initial value of RDR is H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com