Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 120 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 116Page - Renesas Technology Corp H8S/2114R Datasheet HTML 117Page - Renesas Technology Corp H8S/2114R Datasheet HTML 118Page - Renesas Technology Corp H8S/2114R Datasheet HTML 119Page - Renesas Technology Corp H8S/2114R Datasheet HTML 120Page - Renesas Technology Corp H8S/2114R Datasheet HTML 121Page - Renesas Technology Corp H8S/2114R Datasheet HTML 122Page - Renesas Technology Corp H8S/2114R Datasheet HTML 123Page - Renesas Technology Corp H8S/2114R Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1038 page
background image
Section 4 Exception Handling
Rev. 3.00 Jul. 14, 2005 Page 72 of 986
REJ09B0098-0300
Table 4.3
Exception Handling Vector Table (Extended Vector Mode)
Vector Addresses
Exception Source
Vector
Number
Normal Mode
Advanced Mode
Reset
0
H'0000 to H'0001
H'000000 to H'000003
Reserved for system use
1
5
H'0002 to H'0003
|
H'000A to H'000B
H'000004 to H'000007
|
H'000014 to H'000017
Direct transition
6
H'000C to H'000D
H'000018 to H'00001B
External interrupt (NMI)
7
H'000E to H'000F
H'00001C to H'00001F
8
H'0010 to H'0011
H'000020 to H'000023
9
H'0012 to H'0013
H'000024 to H'000027
10
H'0014 to H'0015
H'000028 to H'00002B
Trap instruction (four sources)
11
H'0016 to H'0017
H'00002C to H'00002F
Reserved for system use
12
15
H'0018 to H'0019
|
H'001E to H'001F
H'000030 to H'000033
|
H'00003C to H'00003F
IRQ0
16
H'0020 to H'0021
H'000040 to H'000043
IRQ1
17
H'0022 to H'0023
H'000044 to H'000047
IRQ2
18
H'0024 to H'0025
H'000048 to H'00004B
IRQ3
19
H'0026 to H'0027
H'00004C to H'00004F
IRQ4
20
H'0028 to H'0029
H'000050 to H'000053
IRQ5
21
H'002A to H'002B
H'000054 to H'000057
IRQ6
22
H'002C to H'002D
H'000058 to H'00005B
External interrupt
IRQ7
23
H'002E to H'002F
H'00005C to H'00005F
Internal interrupt*
24
29
H'0030 to H'0031
H'003A to H'003B
H'000060 to H'000063
H'000074 to H'000077
External interrupt KIN7 to KIN0
30
H'003C to H'003D
H'000078 to H'00007B
External interrupt KIN15 to KIN8
31
H'003E to H'003F
H'00007C to H'00007F
External interrupt WUE7 to WUE0
32
H'0040 to H'0041
H'000080 to H'000083
External interrupt WUE15 to WUE8
33
H'0042 to H'0043
H'000084 to H'000087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com