Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 162 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 158Page - Renesas Technology Corp H8S/2114R Datasheet HTML 159Page - Renesas Technology Corp H8S/2114R Datasheet HTML 160Page - Renesas Technology Corp H8S/2114R Datasheet HTML 161Page - Renesas Technology Corp H8S/2114R Datasheet HTML 162Page - Renesas Technology Corp H8S/2114R Datasheet HTML 163Page - Renesas Technology Corp H8S/2114R Datasheet HTML 164Page - Renesas Technology Corp H8S/2114R Datasheet HTML 165Page - Renesas Technology Corp H8S/2114R Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 114 of 986
REJ09B0098-0300
5.6.2
Interrupt Control Mode 1
In interrupt control mode 1, mask control is applied to three levels for interrupt requests other than
NMI and address break by comparing the I and UI bits in CCR in the CPU, and the ICR setting.
• An interrupt request with interrupt control level 0 is accepted when the I bit in CCR is cleared
to 0. When the I bit is set to 1, the interrupt request is held pending.
• An interrupt request with interrupt control level 1 is accepted when the I bit or UI bit in CCR is
cleared to 0. When both the I and UI bits are set to 1, the interrupt request is held pending.
For instance, the state transition when the interrupt enable bit corresponding to each interrupt is set
to 1, and ICRA to ICRD are set to H'20, H'00, H'00, and H'00, respectively (IRQ2 and IRQ3
interrupts are set to interrupt control level 1, and other interrupts are set to interrupt control level
0) is shown below. Figure 5.8 shows a state transition diagram.
• All interrupt requests are accepted when I = 0. (Priority order: NMI > IRQ2 > IRQ3 > address
break > IRQ0 > IRQ1 …)
• Only NMI, IRQ2, IRQ3, and address break interrupt requests are accepted when I = 1 and UI =
0.
• Only NMI and address break interrupt requests are accepted when I = 1 and UI = 1.
Only NMI and address break
interrupt requests are accepted
All interrupt requests
are accepted
Exception handling execution
or I
1, UI
1
I
0
I
1, UI
0
I
0UI
0
Exception handling
execution or UI
1
Only NMI, address break, and
interrupt control level 1 interrupt
requests are accepted
Figure 5.8 State Transition in Interrupt Control Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com