| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 203 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 203 Page - Renesas Technology Corp |
|
203 / 1038 page ![]() Section 7 Data Transfer Controller (DTC) Rev. 3.00 Jul. 14, 2005 Page 155 of 986 REJ09B0098-0300 The number of execution states is calculated from using the formula below. Note that Σ is the sum of all transfers activated by one activation source (the number in which the CHNE bit is set to 1, plus 1). Number of execution states = I · S I + Σ (J · SJ + K · SK + L · SL) + M · SM For example, when the DTC vector address table is located in on-chip ROM, normal mode is set, and data is transferred from on-chip ROM to an internal I/O register, then the time required for the DTC operation is 13 states. The time from activation to the end of data write is 10 states. 7.6 Procedures for Using DTC 7.6.1 Activation by Interrupt The procedure for using the DTC with interrupt activation is as follows: [1] Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM. [2] Set the start address of the register information in the DTC vector address. [3] Set the corresponding bit in DTCER to 1. [4] Set the enable bits for the interrupt sources to be used as the activation sources to 1. The DTC is activated when an interrupt used as an activation source is generated. [5] After one data transfer has been completed, or after the specified number of data transfers have been completed, the DTCE bit is cleared to 0 and a CPU interrupt is requested. If the DTC is to continue transferring data, set the DTCE bit to 1. 7.6.2 Activation by Software The procedure for using the DTC with software activation is as follows: [1] Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM. [2] Set the start address of the register information in the DTC vector address. [3] Check that the SWDTE bit is 0. [4] Write 1 to the SWDTE bit and the vector number to DTVECR. [5] Check the vector number written to DTVECR. [6] After one data transfer has been completed, if the DISEL bit is 0 and a CPU interrupt is not requested, the SWDTE bit is cleared to 0. If the DTC is to continue transferring data, set the SWDTE bit to 1. When the DISEL bit is 1 or after the specified number of data transfers have been completed, the SWDTE bit is held at 1 and a CPU interrupt is requested. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |