Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 212 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 208Page - Renesas Technology Corp H8S/2114R Datasheet HTML 209Page - Renesas Technology Corp H8S/2114R Datasheet HTML 210Page - Renesas Technology Corp H8S/2114R Datasheet HTML 211Page - Renesas Technology Corp H8S/2114R Datasheet HTML 212Page - Renesas Technology Corp H8S/2114R Datasheet HTML 213Page - Renesas Technology Corp H8S/2114R Datasheet HTML 214Page - Renesas Technology Corp H8S/2114R Datasheet HTML 215Page - Renesas Technology Corp H8S/2114R Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 164 of 986
REJ09B0098-0300
8.1
Port 1
Port 1 is an 8-bit I/O port. Port 1 has a built-in input pull-up MOS that can be controlled by
software. Port 1 has the following registers.
• Port 1 data direction register (P1DDR)
• Port 1 data register (P1DR)
• Port 1 pull-up MOS control register (P1PCR)
8.1.1
Port 1 Data Direction Register (P1DDR)
The individual bits of P1DDR specify input or output for the pins of port 1.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
0
P10DDR
0
W
The corresponding port 1 pins are output ports
when P1DDR bits are set to 1, and input ports when
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com