Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 267 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 263Page - Renesas Technology Corp H8S/2114R Datasheet HTML 264Page - Renesas Technology Corp H8S/2114R Datasheet HTML 265Page - Renesas Technology Corp H8S/2114R Datasheet HTML 266Page - Renesas Technology Corp H8S/2114R Datasheet HTML 267Page - Renesas Technology Corp H8S/2114R Datasheet HTML 268Page - Renesas Technology Corp H8S/2114R Datasheet HTML 269Page - Renesas Technology Corp H8S/2114R Datasheet HTML 270Page - Renesas Technology Corp H8S/2114R Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 219 of 986
REJ09B0098-0300
8.13.4
Pin Functions
• PD7/TIOCB2/TCLKD
The pin function is switched as shown below according to the combination of the TPU
channel 2 setting, TPSC2 to TPSC0 bits in TCR_0 of TPU, and the PD7DDR.
TPU Channel 2
Setting
Input or Initial Value
Output
PD7DDR
0
1
PD7 input pin
PD7 output pin
TIOCB2 input pin*
2
TIOCB2 output pin
Pin Function
TCLKD input pin*
1
Notes: 1. This pin functions as TCLKD input when TPSC2 to TPSC0 in TCR_0 are set to 111 or
when channel 2 is set to phase counting mode.
2. This pin functions as TIOCB2 input when TPU channel 2 timer operating mode is set to
normal operation or phase counting mode and IOB3 in TIOR_2 is set to 1.
• PD6/TIOCA2
The pin function is switched as shown below according to the combination of the TPU
channel 2 setting and the PD6DDR.
TPU Channel 2
Setting
Input or Initial Value
Output
PD6DDR
0
1
PD6 input pin
PD6 output pin
Pin Function
TIOCA2 input pin*
TIOCA2 output pin
Note:
*
This pin functions as TIOCA2 input when TPU channel 2 timer operating mode is set to
normal operation or phase counting mode and IOA3 in TIOR_2 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com