Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 273 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 269Page - Renesas Technology Corp H8S/2114R Datasheet HTML 270Page - Renesas Technology Corp H8S/2114R Datasheet HTML 271Page - Renesas Technology Corp H8S/2114R Datasheet HTML 272Page - Renesas Technology Corp H8S/2114R Datasheet HTML 273Page - Renesas Technology Corp H8S/2114R Datasheet HTML 274Page - Renesas Technology Corp H8S/2114R Datasheet HTML 275Page - Renesas Technology Corp H8S/2114R Datasheet HTML 276Page - Renesas Technology Corp H8S/2114R Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 225 of 986
REJ09B0098-0300
8.14
Port E
Port E is a 5-bit input port. Port E pins also function as the LPC input pins and emulator
input/output pins. Port E has the following registers.
• Port E input pull-up MOS control register (PEPCR)
• Port E input data register (PEPIN)
8.14.1
Port E Input Pull-Up MOS Control Register (PEPCR)
PEPCR specifies each bit in input pull-up MOS on/off.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5
All 0
R/W
Reserved
The initial value should not be changed.
4
PE4PCR
0
R/W
3
PE3PCR
0
R/W
2
PE2PCR
0
R/W
1
PE1PCR
0
R/W
0
PE0PCR
0
R/W
0: Input pull-up MOS is off
1: Input pull-up MOS is on
8.14.2
Port E Input Data Register (PEPIN)
PEPIN indicates the pin states of port E.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5
All 0
Reserved
These bits are always read as 0.
4
PE4PIN
Undefined*
R
3
PE3PIN
Undefined*
R
2
PE2PIN
Undefined*
R
1
PE1PIN
Undefined*
R
0
PE0PIN
Undefined*
R
When these bits are read, the pin states are
returned. These bits cannot be modified.
Note:
*
The initial value of these pins is determined in accordance with the state of pins PE4 to
PE0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com