Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 291 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 287Page - Renesas Technology Corp H8S/2114R Datasheet HTML 288Page - Renesas Technology Corp H8S/2114R Datasheet HTML 289Page - Renesas Technology Corp H8S/2114R Datasheet HTML 290Page - Renesas Technology Corp H8S/2114R Datasheet HTML 291Page - Renesas Technology Corp H8S/2114R Datasheet HTML 292Page - Renesas Technology Corp H8S/2114R Datasheet HTML 293Page - Renesas Technology Corp H8S/2114R Datasheet HTML 294Page - Renesas Technology Corp H8S/2114R Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 243 of 986
REJ09B0098-0300
8.17
Change of Peripheral Function Pins
For the 8-bit timer input/output, 8-bit PWM timer output, and IIC input/output, the multi-function
I/O ports can be changed. I/O ports that also function as the external sub-clock input pin, 8-bit
timer input/output pins, and the 8-bit PWM timer output pins are changed according to the setting
of PTCNT0. I/O ports that also function as the IIC input/output pins are changed according to the
setting of PTCNT1. I/O ports that also function as the docking LPC input/output pins are changed
according to the setting of PTCNT2. The pin name of the peripheral function is indicated by
adding ‘Ex’ at the head of the original pin name. In each peripheral function description, the
original pin name is used.
8.17.1
Port Control Register 0 (PTCNT0)
PTCNT0 selects ports that also function as the external sub-clock input pin, 8-bit timer
input/output pins, and 14-bit PWM timer output pins.
Bit
Bit Name
Initial Value
R/W
Description
7
TMCI0S
0
R/W
0: P40/TMCI0 is selected
1: PG0/ExTMCI0 is selected
6
TMCI1S
0
R/W
0: P43/TMCI1 is selected
1: PG1/ExTMCI1 is selected
5
TMIXS
0
R/W
0: P60/TMIX is selected
1: PG2/ExTMIX is selected
4
TMIYS
0
R/W
0: P62/TMIY is selected
1: PG3/ExTMIY is selected
3
TMOXS
0
R/W
0: P67/TMOX is selected
1: PF3/ExTMOX is selected
2
PWMAS
0
R/W
0: P27/PW15 and P26/PW14 are selected
1: PF7/ExPW15 and PF6/ExPW14 are selected
1
PWMBS
0
R/W
0: P25/PW13 and P24/PW12 are selected
1: PF5/ExPW13 and PF4/ExPW12 are selected
0
EXCLS
0
R/W
0: P96/EXCLK is selected
1: P50/ExEXCL is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com