Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 317 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 313Page - Renesas Technology Corp H8S/2114R Datasheet HTML 314Page - Renesas Technology Corp H8S/2114R Datasheet HTML 315Page - Renesas Technology Corp H8S/2114R Datasheet HTML 316Page - Renesas Technology Corp H8S/2114R Datasheet HTML 317Page - Renesas Technology Corp H8S/2114R Datasheet HTML 318Page - Renesas Technology Corp H8S/2114R Datasheet HTML 319Page - Renesas Technology Corp H8S/2114R Datasheet HTML 320Page - Renesas Technology Corp H8S/2114R Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 1038 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 3.00 Jul. 14, 2005 Page 269 of 986
REJ09B0098-0300
10.5
Operation
A PWM waveform like the one shown in figure 10.3 is output from the PWMX pin. DA13 to DA0
in DADR corresponds to the total width (T
L) of the low (0) pulses output in one conversion cycle
(256 pulses when CFS = 0, 64 pulses when CFS = 1). When OS = 0, this waveform is directly
output. When OS = 1, the output waveform is inverted, and DA13 to DA0 in DADR value
corresponds to the total width (T
H) of the high (1) output pulses. Figures 10.4 and 10.5 show the
types of waveform output available.
tf
tL
T: Resolution
TL = Σ tLn (OS = 0)
(When CFS = 0, m = 256
When CFS = 1, m = 64)
m
n = 1
1 conversion cycle
(T
× 214 (= 16384))
Base cycle
(T
× 64 or T × 256)
Figure 10.3 PWMX (D/A) Operation
Table 10.4 summarizes the relationships between the CKS and CFS bit settings and the resolution,
base cycle, and conversion cycle. The PWM output remains fixed unless DA13 to DA0 in DADR
contain at least a certain minimum value. The relationship between the OS bit and the output
waveform is shown in figures 10.4 and 10.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com