Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 322 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 318Page - Renesas Technology Corp H8S/2114R Datasheet HTML 319Page - Renesas Technology Corp H8S/2114R Datasheet HTML 320Page - Renesas Technology Corp H8S/2114R Datasheet HTML 321Page - Renesas Technology Corp H8S/2114R Datasheet HTML 322Page - Renesas Technology Corp H8S/2114R Datasheet HTML 323Page - Renesas Technology Corp H8S/2114R Datasheet HTML 324Page - Renesas Technology Corp H8S/2114R Datasheet HTML 325Page - Renesas Technology Corp H8S/2114R Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1038 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 3.00 Jul. 14, 2005 Page 274 of 986
REJ09B0098-0300
Since the value of the subsequent six bits is B'0000 01, an additional pulse is output only at the
location of base pulse No. 63 according to table 10.5. Thus, an additional pulse of 1/256
× (T) is to
be added to the base pulse.
1 conversion cycle
Base pulse
High width: 2/256 × (T)
Base pulse
2/256 × (T)
Additional pulse
1/256 × (T)
Base cycle
Base cycle
Base cycle
No. 1
No. 0
No. 63
Additional pulse output location
Figure 10.7 Output Waveform when DADR = H'0207 (OS = 1)
However, when CFS = 0 (base cycle = resolution (T)
× 64), the duty cycle of the base pulse is
determined by the upper six bits and the locations of the additional pulses by the subsequent eight
bits with a method similar to as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com