Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H7B3AI Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STM32H7B3AI Datasheet

  • Part No.STM32H7B3AI
    ManufacturerSTMICROELECTRONICS
    Size7Mb
    Pages238 pages
    Description32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
    Datasheet Summary with AI

    1. Core Capabilities & Memory:

    ️· STM32H7B3 Series: This document details the features of microcontrollers within the STM32H7B3 family.
    ️· RAM/Flash: The exact RAM and Flash memory sizes aren't specified in this snippet, but it's clearly a feature that varies between the different models within the H7B3 family.
    ️· T timers: These can be general-purpose, advanced-control (PWM), basic, or low-power.
    ️· Watchdog timers: With either window or independent function.
    ️· Real time clock This micro controller has a built in real time clock function.
    ️· Random number generator Has a built in random number generator.
    ️· Cryptographic/hash processing Capable of cryptographic and hash functions.

    2. Communication Interfaces (Extensive):

    ️· SPI/I2S: Supports SPI and I2S communication protocols (number of interfaces varies by model - usually 6 SPI, 4 I2S).
    ️· I2C: 4 I2C interfaces are common, but some models have fewer (3).
    ️· USART/UART/LPUART: Supports serial communication – typically 5 USART/UART and 1 LPUART.
    ️· SAI/PDM: For audio applications, supports Serial Audio Interface (SAI) and Pulse Density Modulation (PDM).
    ️· SPDIFRX: Supports Serial Port Digital Interface Receive (SPDIFRX) for audio.
    ️· SWPMI: Single Wire Protocol Master Interface.
    ️· MDIOS: Media Independent Interface.
    ️· SDMMC: SD/MMC host controller interface (typically 2 interfaces).
    ️· FDCAN/TT-CAN: Flexible Data CAN and Time-Triggered CAN interfaces.
    ️· USB OTG: Supports USB On-The-Go with both High-Speed (HS) and Full-Speed (FS) capabilities.

    3. Display & Graphics:

    ️· LCD-TFT Controller: Integrated LCD-TFT display controller.
    ️· JPEG Codec: Hardware JPEG encoder/decoder.
    ️· GFXMMU: Graphic memory management unit.
    ️· DMA2D/Chrom-ART Accelerator: DMA2D is a 2D graphics accelerator (also referred to as Chrom-ART).

    4. Security:

    ️· Cryptographic Accelerator: Hardware acceleration for cryptographic algorithms.
    ️· Hash Processor: Dedicated hash processor.

    5. Other Key Features:

    ️· Timers: A wide range of timer options.
    ️· Tamper Pins: Provides options for tamper detection with both active and passive pins.
    ️· Digital Camera Interface (DCMI) / PSSI: Supports connection to digital cameras or parallel sensors.

    6. Model Variations:

    ️· Multiple Models Listed: The table lists several specific models within the H7B3 series (e.g., STM32H7B3LIH, STM32H7B3IIK, STM32H7B3IIT, etc.). The exact feature set *varies* between these models.
    ️· Feature Count Differences: The table explicitly shows how the number of certain peripherals (e.g., SPI interfaces, I2C interfaces, SDMMC interfaces) can differ between the different H7B3 models.




    In essence, the STM32H7B3 series is a powerful and versatile microcontroller family designed for applications requiring high performance, a rich set of peripherals, and robust connectivity. The variations within the family allow designers to select the optimal balance of features and cost for their specific application.

    1. Core Capabilities & Memory:

    ️· STM32H7B3 Series: This document details the features of microcontrollers within the STM32H7B3 family.
    ️· RAM/Flash: The exact RAM and Flash memory sizes aren't specified in this snippet, but it's clearly a feature that varies between the different models within the H7B3 family.
    ️· T timers: These can be general-purpose, advanced-control (PWM), basic, or low-power.
    ️· Watchdog timers: With either window or independent function.
    ️· Real time clock This micro controller has a built in real time clock function.
    ️· Random number generator Has a built in random number generator.
    ️· Cryptographic/hash processing Capable of cryptographic and hash functions.

    2. Communication Interfaces (Extensive):

    ️· SPI/I2S: Supports SPI and I2S communication protocols (number of interfaces varies by model - usually 6 SPI, 4 I2S).
    ️· I2C: 4 I2C interfaces are common, but some models have fewer (3).
    ️· USART/UART/LPUART: Supports serial communication – typically 5 USART/UART and 1 LPUART.
    ️· SAI/PDM: For audio applications, supports Serial Audio Interface (SAI) and Pulse Density Modulation (PDM).
    ️· SPDIFRX: Supports Serial Port Digital Interface Receive (SPDIFRX) for audio.
    ️· SWPMI: Single Wire Protocol Master Interface.
    ️· MDIOS: Media Independent Interface.
    ️· SDMMC: SD/MMC host controller interface (typically 2 interfaces).
    ️· FDCAN/TT-CAN: Flexible Data CAN and Time-Triggered CAN interfaces.
    ️· USB OTG: Supports USB On-The-Go with both High-Speed (HS) and Full-Speed (FS) capabilities.

    3. Display & Graphics:

    ️· LCD-TFT Controller: Integrated LCD-TFT display controller.
    ️· JPEG Codec: Hardware JPEG encoder/decoder.
    ️· GFXMMU: Graphic memory management unit.
    ️· DMA2D/Chrom-ART Accelerator: DMA2D is a 2D graphics accelerator (also referred to as Chrom-ART).

    4. Security:

    ️· Cryptographic Accelerator: Hardware acceleration for cryptographic algorithms.
    ️· Hash Processor: Dedicated hash processor.

    5. Other Key Features:

    ️· Timers: A wide range of timer options.
    ️· Tamper Pins: Provides options for tamper detection with both active and passive pins.
    ️· Digital Camera Interface (DCMI) / PSSI: Supports connection to digital cameras or parallel sensors.

    6. Model Variations:

    ️· Multiple Models Listed: The table lists several specific models within the H7B3 series (e.g., STM32H7B3LIH, STM32H7B3IIK, STM32H7B3IIT, etc.). The exact feature set *varies* between these models.
    ️· Feature Count Differences: The table explicitly shows how the number of certain peripherals (e.g., SPI interfaces, I2C interfaces, SDMMC interfaces) can differ between the different H7B3 models.




    In essence, the STM32H7B3 series is a powerful and versatile microcontroller family designed for applications requiring high performance, a rich set of peripherals, and robust connectivity. The variations within the family allow designers to select the optimal balance of features and cost for their specific application.

    Part No.STM32H7B3AI
    ManufacturerSTMICROELECTRONICS
    Size7Mb
    Pages238 pages
    Description32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com