Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 108 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 104Page - Renesas Technology Corp RZ/T1 Datasheet HTML 105Page - Renesas Technology Corp RZ/T1 Datasheet HTML 106Page - Renesas Technology Corp RZ/T1 Datasheet HTML 107Page - Renesas Technology Corp RZ/T1 Datasheet HTML 108Page - Renesas Technology Corp RZ/T1 Datasheet HTML 109Page - Renesas Technology Corp RZ/T1 Datasheet HTML 110Page - Renesas Technology Corp RZ/T1 Datasheet HTML 111Page - Renesas Technology Corp RZ/T1 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 108 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4.5.10
SPIBSC Timing
Note 1. tPAcyc: PCLKA cycle
Table 2.28
SPIBSC Timing
Output load conditions: VOH = VCCQ33 × 0.5, VOL1 = VCCQ33 × 0.5, C = 30 pF
Item
Symbol
min
max
Unit*1
Test
Conditions
SPIBSC
SPBCLK clock cycle
tSPBcyc
2
4080
tPAcyc
Figure 2.57
SPBCLK high level pulse width
tSPBWH
0.45
0.55
tSPBcyc
SPBCLK low level pulse width
tSPBWL
0.45
0.55
tSPBcyc
Data input setup time
tSU
3.5
―
ns
Figure 2.58,
Figure 2.59,
Figure 2.60
Data input hold time
tH
0.5
―
ns
SSL setup time
tLEAD
1 × tSPBcyc – 3
8 × tSPBcyc
ns
SSL hold time
tLAG
1.5 × tSPBcyc
8.5 × tSPBcyc + 3
ns
Continuous transfer delay time
tTD
18
tSPBcyc
Data output delay time
tOD
―3.6
ns
Data output hold time
tOH
-1
―
ns
Data output buffer on time
tBON
―
3.6
ns
Figure 2.61,
Figure 2.62,
Figure 2.63
Data output buffer off time
tBOFF
-7
0
ns
Figure 2.57
SPIBSC Clock Timing
tSPBcyc
SPBCLK
output
tSPBWL
tSPBWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com