Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 112 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 108Page - Renesas Technology Corp RZ/T1 Datasheet HTML 109Page - Renesas Technology Corp RZ/T1 Datasheet HTML 110Page - Renesas Technology Corp RZ/T1 Datasheet HTML 111Page - Renesas Technology Corp RZ/T1 Datasheet HTML 112Page - Renesas Technology Corp RZ/T1 Datasheet HTML 113Page - Renesas Technology Corp RZ/T1 Datasheet HTML 114Page - Renesas Technology Corp RZ/T1 Datasheet HTML 115Page - Renesas Technology Corp RZ/T1 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 112 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4.5.11
RIICa Timing
Note 1. tIICcyc: RIIC internal reference clock (IICɸ) cycle
Note 2. The value out of parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 00b while the digital filter is enabled by
setting ICFER.NFE = 1. The value within parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 11b while the
digital filter is enabled by setting ICFER.NFE = 1.
Note 3. Cb is the total capacitance of the bus lines.
Note 4. The minimum values are not specified for tsr and tsf in Fast-mode.
Table 2.29
RIICa Timing
Output load conditions: VOL2 = 0.4 V, IOL2 = 3 mA
Item
symbol
min*2
max*2
Unit*1
Test
Conditions
RIICa
(Standard-
mode)
SCL input cycle time
tSCL
6(12) × tIICcyc + 1300
―
ns
Figure 2.64
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
―
ns
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
―
ns
SCL, SDA input rising time
tsr
―1000
ns
SCL, SDA input falling time
tsf
―300
ns
SCL, SDA input spike pulse removal time
tSP
01(4) × tIICcyc
ns
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
―
ns
Start condition input hold time
tSTAH
tIICcyc + 300
―
ns
Restart condition input setup time
tSTAS
1000
―
ns
Stop condition input setup time
tSTOS
1000
―
ns
Data input setup time
tSDAS
tIICcyc + 50
―
ns
Data input hold time
tSDAH
0―
ns
SCL, SDA capacitive load
Cb
―400
pF
RIICa
(Fast-mode)
SCL input cycle time
tSCL
6(12) × tIICcyc + 600
―
ns
SCL input high pulse width
tSCLH
3(6) × tIICcyc + 300
―
ns
SCL input low pulse width
tSCLL
3(6) × tIICcyc + 300
―
ns
SCL, SDA input rising time
tsr
―*4
300
ns
SCL, SDA input falling time
tsf
―*4
300
ns
SCL, SDA input spike pulse removal time
tSP
01(4) × tIICcyc
ns
SDA input bus free time
tBUF
3(6) × tIICcyc + 300
―
ns
Start condition input hold time
tSTAH
tIICcyc + 300
―
ns
Restart condition input setup time
tSTAS
300
―
ns
Stop condition input setup time
tSTOS
300
―
ns
Data input setup time
tSDAS
tIICcyc + 50
―
ns
Data input hold time
tSDAH
0―
ns
SCL, SDA capacitive load*3
Cb
―400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com