Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 127 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 123Page - Renesas Technology Corp RZ/T1 Datasheet HTML 124Page - Renesas Technology Corp RZ/T1 Datasheet HTML 125Page - Renesas Technology Corp RZ/T1 Datasheet HTML 126Page - Renesas Technology Corp RZ/T1 Datasheet HTML 127Page - Renesas Technology Corp RZ/T1 Datasheet HTML 128Page - Renesas Technology Corp RZ/T1 Datasheet HTML 129Page - Renesas Technology Corp RZ/T1 Datasheet HTML 130Page - Renesas Technology Corp RZ/T1 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 127 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
Note:
The above specified values apply when there is no access to the external bus during A/D conversion. If access proceeds during
A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time (tSPLSH + tCONV in Figure 43.31 and Figure 43.32
in section 43, 12-Bit A/D Converter (S12ADCa), in the RZ/T1 Group User’s Manual: Hardware). The number of sampling states
is indicated for each item in Test Conditions.
Note 2. The value in parentheses indicates the sampling time.
Note:
The above specified values apply when there is no access to the external bus during A/D conversion. If access proceeds during
A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time (tSPLSH + tCONV in Figure 43.31 and Figure 43.32
in section 43, 12-Bit A/D Converter (S12ADCa), in the RZ/T1 Group User’s Manual: Hardware). The number of sampling states
is indicated for each item in Test Conditions.
Note 2. The value in parentheses indicates the sampling time.
Table 2.38
12-Bit A/D (Unit 1) Conversion Characteristics
Item
min
typ
max
Unit
Test Conditions
Resolution
8
―
12
Bit
Conversion time*1
(Operation at PCLKF
= 60 MHz)
Permissible signal source
impedance
Max. = 1.0 kΩ
0.883
(0.667)*2
―
―
μs
Sampling in 40 states
Analog input capacitance
―
―
30
pF
Offset error
―
―
±6.0
LSB
Full-scale error
―
―
±6.0
LSB
Quantization error
―
±0.5
―
LSB
Absolute accuracy
―
―
±6.0
LSB
DNL differential nonlinearity error
―
―
±3.0
LSB
INL integral nonlinearity error
―
―
±4.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com