Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 129 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 125Page - Renesas Technology Corp RZ/T1 Datasheet HTML 126Page - Renesas Technology Corp RZ/T1 Datasheet HTML 127Page - Renesas Technology Corp RZ/T1 Datasheet HTML 128Page - Renesas Technology Corp RZ/T1 Datasheet HTML 129Page - Renesas Technology Corp RZ/T1 Datasheet HTML 130Page - Renesas Technology Corp RZ/T1 Datasheet HTML 131Page - Renesas Technology Corp RZ/T1 Datasheet HTML 132Page - Renesas Technology Corp RZ/T1 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 129 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.9
Debug Interface Timing
Table 2.41
Debug Interface Timing
Output load conditions: VOH = VCCQ33 – 0.5 V, VOL1 = 0.4 V
Item
Symbol
Min.
Max.
Unit
Reference Figure
TCK cycle time
tTCKcyc
30
―
ns
Figure 2.87
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
TDI setup time
tTDIS
5
―
ns
Figure 2.88
Output load: 30 pF
TDI hold time
tTDIH
5―
ns
TMS/SWDIO setup time
tTMSS
5―
ns
TMS/SWDIO hold time
tTMSH
5―
ns
SWDIO delay time
tSWDO
―15
ns
TDO delay time
tTDOD
―15
ns
Capture register setup time
tCAPTS
5
―
ns
Figure 2.89
Capture register hold time
tCAPTH
5―
ns
Update register delay time
tUPDATED
―15
ns
Trace clock cycle
tTCYC
26.6
―
ns
Figure 2.90
Output load: 15 pF
Trace data delay time
tTDT
0.25 × tTCYC – 2
0.25 × tTCYC + 2
ns
Figure 2.87
TCK Input Timing
tTCKcyc
tTCKH
tTCKL
TCK
VIH
VIH
VIL
VIL
1/2PVCC
1/2PVCC
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com