Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 350 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 346Page - Renesas Technology Corp H8S/2114R Datasheet HTML 347Page - Renesas Technology Corp H8S/2114R Datasheet HTML 348Page - Renesas Technology Corp H8S/2114R Datasheet HTML 349Page - Renesas Technology Corp H8S/2114R Datasheet HTML 350Page - Renesas Technology Corp H8S/2114R Datasheet HTML 351Page - Renesas Technology Corp H8S/2114R Datasheet HTML 352Page - Renesas Technology Corp H8S/2114R Datasheet HTML 353Page - Renesas Technology Corp H8S/2114R Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 302 of 986
REJ09B0098-0300
φ
Address
OCRAR (OCRAF)
address
Internal write signal
Compare-match signal
FRC
Automatic addition is not performed
because compare-match signals are disabled.
Disabled
OCR
N
N
N+1
OCRAR (OCRAF)
Old data
New data
Figure 11.20 Conflict between OCR Write and Compare-Match
(When Automatic Addition Function is Used)
11.7.4
Switching of Internal Clock and FRC Operation
When the internal clock is changed, the changeover may source FRC to increment. This depends
on the time at which the clock is switched (bits CKS1 and CKS0 are rewritten), as shown in table
11.3.
When an internal clock is used, the FRC clock is generated on detection of the falling edge of the
internal clock scaled from the system clock (
φ). If the clock is changed when the old source is high
and the new source is low, as in case no. 3 in table 11.3, the changeover is regarded as a falling
edge that triggers the FRC clock, and FRC is incremented. Switching between an internal clock
and external clock can also source FRC to increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com