Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 352 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 348Page - Renesas Technology Corp H8S/2114R Datasheet HTML 349Page - Renesas Technology Corp H8S/2114R Datasheet HTML 350Page - Renesas Technology Corp H8S/2114R Datasheet HTML 351Page - Renesas Technology Corp H8S/2114R Datasheet HTML 352Page - Renesas Technology Corp H8S/2114R Datasheet HTML 353Page - Renesas Technology Corp H8S/2114R Datasheet HTML 354Page - Renesas Technology Corp H8S/2114R Datasheet HTML 355Page - Renesas Technology Corp H8S/2114R Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 1038 page
background image
Section 11 16-Bit Free-Running Timer (FRT)
Rev. 3.00 Jul. 14, 2005 Page 304 of 986
REJ09B0098-0300
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
FRC Operation
4
Switching from
high to high
Clock before
switchover
Clock after
switchover
FRC clock
FRC
N
N + 1
CKS bit rewrite
N + 2
Note:
*
Generated on the assumption that the switchover is a falling edge; FRC is incremented.
11.7.5
Module Stop Mode Setting
FRT operation can be enabled or disabled by the module stop control register. In the initial state,
FRT operation is disabled. Access to FRT registers is enabled when module stop mode is
cancelled. For details, see section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com