Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 380 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 376Page - Renesas Technology Corp H8S/2114R Datasheet HTML 377Page - Renesas Technology Corp H8S/2114R Datasheet HTML 378Page - Renesas Technology Corp H8S/2114R Datasheet HTML 379Page - Renesas Technology Corp H8S/2114R Datasheet HTML 380Page - Renesas Technology Corp H8S/2114R Datasheet HTML 381Page - Renesas Technology Corp H8S/2114R Datasheet HTML 382Page - Renesas Technology Corp H8S/2114R Datasheet HTML 383Page - Renesas Technology Corp H8S/2114R Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 332 of 986
REJ09B0098-0300
12.3.9
Timer Synchro Register (TSYR)
TSYR selects independent operation or synchronous operation for the channel 0 to 2 TCNT
counters. A channel performs synchronous operation when the corresponding bit in TSYR is set to
1.
Bit
Bit Name
Initial Value R/W
Description
7 to 3 –
0
R/W
Reserved:
The initial value should not be changed.
2
1
0
SYNC2
SYNC1
SYNC0
0
0
0
R/W
R/W
R/W
Timer Synchro 2 to 0
These bits select whether operation is independent of or
synchronized with other channels.
When synchronous operation is selected, synchronous
presetting of multiple channels, and synchronous clearing
through counter clearing on another channel are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR2 to
CCLR0 in TCR.
0: TCNT_2 to TCNT_0 operates independently
(TCNT presetting /clearing is unrelated to other
channels)
1: TCNT_2 to TCNT_0 performs synchronous operation
TCNT synchronous presetting/synchronous clearing is
possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com