Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 383 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 379Page - Renesas Technology Corp H8S/2114R Datasheet HTML 380Page - Renesas Technology Corp H8S/2114R Datasheet HTML 381Page - Renesas Technology Corp H8S/2114R Datasheet HTML 382Page - Renesas Technology Corp H8S/2114R Datasheet HTML 383Page - Renesas Technology Corp H8S/2114R Datasheet HTML 384Page - Renesas Technology Corp H8S/2114R Datasheet HTML 385Page - Renesas Technology Corp H8S/2114R Datasheet HTML 386Page - Renesas Technology Corp H8S/2114R Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 335 of 986
REJ09B0098-0300
12.5
Operation
12.5.1
Basic Functions
Each channel has a TCNT and TGR. TCNT performs up-counting, and is also capable of free-
running operation, synchronous counting, and external event counting. Each TGR can be used as
an input capture register or output compare register.
(1)
Counter Operation
When one of bits CST0 to CST2 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
1. Example of count operation setting procedure Figure 12.6 shows an example of the count
operation setting procedure.
Operation selection
Select counter clock
Periodic counter
Select counter clearing source
Select output compare register
Set period
Free-running counter
Start count operation
<Free-running counter>
<Periodic counter>
Start count operation
Select the counter
clock with bits
TPSC2 to TPSC0 in
TCR. At the same
time, select the
input clock edge
with bits CKEG1
and CKEG0 in TCR.
For periodic counter
operation, select the
TGR to be used as
the TCNT clearing
source with bits
CCLR2 to CCLR0 in
TCR.
Designate the TGR
selected in [2] as an
output compare
register by means of
TIOR.
Set the periodic
counter cycle in the
TGR selected in [2].
Set the CST bit in
TSTR to 1 to start
the counter
operation.
[1]
[1]
[2]
[2]
[3]
[3]
[4]
[4]
[5]
[5]
Figure 12.6 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com