Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 396 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 392Page - Renesas Technology Corp H8S/2114R Datasheet HTML 393Page - Renesas Technology Corp H8S/2114R Datasheet HTML 394Page - Renesas Technology Corp H8S/2114R Datasheet HTML 395Page - Renesas Technology Corp H8S/2114R Datasheet HTML 396Page - Renesas Technology Corp H8S/2114R Datasheet HTML 397Page - Renesas Technology Corp H8S/2114R Datasheet HTML 398Page - Renesas Technology Corp H8S/2114R Datasheet HTML 399Page - Renesas Technology Corp H8S/2114R Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 348 of 986
REJ09B0098-0300
Table 12.18 PWM Output Registers and Output Pins
Output Pins
Channel
Registers
PWM Mode 1
PWM Mode 2
TGRA_0
TIOCA0
TGRB_0
TIOCA0
TIOCB0
TGRC_0
TIOCC0
0
TGRD_0
TIOCC0
TIOCD0
TGRA_1
TIOCA1
1
TGRB_1
TIOCA1
TIOCB1
TGRA_2
TIOCA2
2
TGRB_2
TIOCA2
TIOCB2
Note:
In PWM mode 2, PWM output is not possible for the TGR register in which the period is set.
(1)
Example of PWM Mode Setting Procedure
Figure 12.21 shows an example of the PWM mode setting procedure.
PWM mode
Select counter clock
Select counter clearing source
Select waveform output level
Set TGR
Set PWM mode
Start count
<PWM mode>
Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0
in TCR.
Use bits CCLR2 to CCLR0 in TCR to select the
TGR to be used as the TCNT clearing source.
Use TIOR to designate the TGR as an output
compare register, and select the initial value and
output value.
Set the cycle in the TGR selected in [2], and set
the duty in the other the TGR.
Select the PWM mode with bits MD3 to MD0 in
TMDR.
Set the CST bit in TSTR to 1 start the count
operation.
[1]
[2]
[3]
[4]
[5]
[6]
[1]
[2]
[3]
[4]
[5]
[6]
Figure 12.21 Example of PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com