Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 400 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 396Page - Renesas Technology Corp H8S/2114R Datasheet HTML 397Page - Renesas Technology Corp H8S/2114R Datasheet HTML 398Page - Renesas Technology Corp H8S/2114R Datasheet HTML 399Page - Renesas Technology Corp H8S/2114R Datasheet HTML 400Page - Renesas Technology Corp H8S/2114R Datasheet HTML 401Page - Renesas Technology Corp H8S/2114R Datasheet HTML 402Page - Renesas Technology Corp H8S/2114R Datasheet HTML 403Page - Renesas Technology Corp H8S/2114R Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 1038 page
background image
Section 12 16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jul. 14, 2005 Page 352 of 986
REJ09B0098-0300
12.5.5
Phase Counting Mode
In phase counting mode, the phase difference between two external clock inputs is detected and
TCNT is incremented/decremented accordingly. This mode can be set for channels 1 and 2. When
phase counting mode is set, an external clock is selected as the counter input clock and TCNT
operates as an up/down-counter regardless of the setting of bits TPSC2 to TPSC0 and bits CKEG1
and CKEG0 in TCR. However, the functions of bits CCLR1 and CCLR0 in TCR, and of TIOR,
TIER, and TGR are valid, and input capture/compare match and interrupt functions can be used.
This can be used for two-phase encoder pulse input. When overflow occurs while TCNT is
counting up, the TCFV flag in TSR is set; when underflow occurs while TCNT is counting down,
the TCFU flag is set. The TCFD bit in TSR is the count direction flag. Reading the TCFD flag
provides an indication of whether TCNT is counting up or down. Table 12.19 shows the
correspondence between external clock pins and channels.
Table 12.19 Phase Counting Mode Clock Input Pins
External Clock Pins
Channels
A-Phase
B-Phase
When channel 1 is set to phase counting mode
TCLKA
TCLKB
When channel 2 is set to phase counting mode
TCLKC
TCLKD
(1)
Example of Phase Counting Mode Setting Procedure
Figure 12.25 shows an example of the phase counting mode setting procedure.
Phase counting mode
Select phase counting mode
Start count
<Phase counting mode>
Select phase counting mode with bits MD3 to
MD0 in TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
[1]
[2]
[1]
[2]
Figure 12.25 Example of Phase Counting Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com