Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 443 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 439Page - Renesas Technology Corp H8S/2114R Datasheet HTML 440Page - Renesas Technology Corp H8S/2114R Datasheet HTML 441Page - Renesas Technology Corp H8S/2114R Datasheet HTML 442Page - Renesas Technology Corp H8S/2114R Datasheet HTML 443Page - Renesas Technology Corp H8S/2114R Datasheet HTML 444Page - Renesas Technology Corp H8S/2114R Datasheet HTML 445Page - Renesas Technology Corp H8S/2114R Datasheet HTML 446Page - Renesas Technology Corp H8S/2114R Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1038 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 3.00 Jul. 14, 2005 Page 395 of 986
REJ09B0098-0300
13.3.8
Timer Input Select Register (TISR)
TISR permits or prohibits a signal source of external clock/reset input for the counter.
Bit
Bit Name Initial Value R/W
Description
7 to 1 —
All 1
R/(W)
Reserved
The initial value should not be changed.
0
IS
0
R/W
Input Select
Selects a timer clock/reset input pin (TMIY) as the signal
source of external clock/reset input for the TMR_Y
counter.
0: Input is prohibited
1: TMIY (TMCIY/TMRIY) is permitted for input
13.3.9
Timer Connection Register I (TCONRI)
TCONRI controls the input capture function.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5 —
All 0
R/W
Reserved
The initial value should not be changed.
4
ICST
0
R/W
Input Capture Start Bit
TMR_X has input capture registers (TICRR and
TICRF). TICRR and TICRF can measure the width of
a pulse by means of a single capture operation under
the control of the ICST bit. When a rising edge
followed by a falling edge is detected on TMRIX after
the ICST bit is set to 1, the contents of TCNT at those
points are captured into TICRR and TICRF,
respectively, and the ICST bit is cleared to 0.
[Clearing condition]
When a rising edge followed by a falling edge is
detected on TMRIX
[Setting condition]
When 1 is written in ICST after reading ICST = 0
3 to 0 —
All 0
R/W
Reserved
The initial values should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com