Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 447 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 443Page - Renesas Technology Corp H8S/2114R Datasheet HTML 444Page - Renesas Technology Corp H8S/2114R Datasheet HTML 445Page - Renesas Technology Corp H8S/2114R Datasheet HTML 446Page - Renesas Technology Corp H8S/2114R Datasheet HTML 447Page - Renesas Technology Corp H8S/2114R Datasheet HTML 448Page - Renesas Technology Corp H8S/2114R Datasheet HTML 449Page - Renesas Technology Corp H8S/2114R Datasheet HTML 450Page - Renesas Technology Corp H8S/2114R Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1038 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 3.00 Jul. 14, 2005 Page 399 of 986
REJ09B0098-0300
13.5.2
Timing of CMFA and CMFB Setting at Compare-Match
The CMFA and CMFB flags in TCSR are set to 1 by a compare-match signal generated when the
TCNT and TCOR values match. The compare-match signal is generated at the last state in which
the match is true, just when the timer counter is updated. Therefore, when TCNT and TCOR
match, the compare-match signal is not generated until the next TCNT input clock. Figure 13.6
shows the timing of CMF flag setting.
φ
TCNT
N
N + 1
TCOR
N
Compare-match
signal
CMF
Figure 13.6 Timing of CMF Setting at Compare-Match
13.5.3
Timing of Timer Output at Compare-Match
When a compare-match signal occurs, the timer output changes as specified by the OS3 to OS0
bits in TCSR. Figure 13.7 shows the timing of timer output when the output is set to toggle by a
compare-match A signal.
φ
Compare-match A
signal
Timer output pin
Figure 13.7 Timing of Toggled Timer Output by Compare-Match A Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com