Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 448 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 444Page - Renesas Technology Corp H8S/2114R Datasheet HTML 445Page - Renesas Technology Corp H8S/2114R Datasheet HTML 446Page - Renesas Technology Corp H8S/2114R Datasheet HTML 447Page - Renesas Technology Corp H8S/2114R Datasheet HTML 448Page - Renesas Technology Corp H8S/2114R Datasheet HTML 449Page - Renesas Technology Corp H8S/2114R Datasheet HTML 450Page - Renesas Technology Corp H8S/2114R Datasheet HTML 451Page - Renesas Technology Corp H8S/2114R Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1038 page
background image
Section 13 8-Bit Timer (TMR)
Rev. 3.00 Jul. 14, 2005 Page 400 of 986
REJ09B0098-0300
13.5.4
Timing of Counter Clear at Compare-Match
TCNT is cleared when compare-match A or compare-match B occurs, depending on the setting of
the CCLR1 and CCLR0 bits in TCR. Figure 13.8 shows the timing of clearing the counter by a
compare-match.
φ
N
H'00
Compare-match
signal
TCNT
Figure 13.8 Timing of Counter Clear by Compare-Match
13.5.5
TCNT External Reset Timing
TCNT is cleared at the rising edge of an external reset input, depending on the settings of the
CCLR1 and CCLR0 bits in TCR. The width of the clearing pulse must be at least 1.5 states. Figure
13.9 shows the timing of clearing the counter by an external reset input.
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 13.9 Timing of Counter Clear by External Reset Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com