Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 461 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 457Page - Renesas Technology Corp H8S/2114R Datasheet HTML 458Page - Renesas Technology Corp H8S/2114R Datasheet HTML 459Page - Renesas Technology Corp H8S/2114R Datasheet HTML 460Page - Renesas Technology Corp H8S/2114R Datasheet HTML 461Page - Renesas Technology Corp H8S/2114R Datasheet HTML 462Page - Renesas Technology Corp H8S/2114R Datasheet HTML 463Page - Renesas Technology Corp H8S/2114R Datasheet HTML 464Page - Renesas Technology Corp H8S/2114R Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 1038 page
background image
Section 14 Watchdog Timer (WDT)
WDT0102A_000020020300
Rev. 3.00 Jul. 14, 2005 Page 413 of 986
REJ09B0098-0300
Section 14 Watchdog Timer (WDT)
This LSI incorporates two watchdog timer channels (WDT_0 and WDT_1). The watchdog timer
can output an overflow signal (
RESO) externally if a system crash prevents the CPU from writing
to the timer counter, thus allowing it to overflow. Simultaneously, it can generate an internal reset
signal or an internal NMI interrupt signal.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows. A block
diagram of the WDT_0 and WDT_1 are shown in figure 14.1.
14.1
Features
• Selectable from eight (WDT_0) or 16 (WDT_1) counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
• If the counter overflows, an internal reset or an internal NMI interrupt is generated.
• When the LSI is selected to be internally reset at counter overflow, a low level signal is output
from the
RESO pin if the counter overflows.
Internal Timer Mode:
• If the counter overflows, an internal timer interrupt (WOVI) is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com