Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 462 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 458Page - Renesas Technology Corp H8S/2114R Datasheet HTML 459Page - Renesas Technology Corp H8S/2114R Datasheet HTML 460Page - Renesas Technology Corp H8S/2114R Datasheet HTML 461Page - Renesas Technology Corp H8S/2114R Datasheet HTML 462Page - Renesas Technology Corp H8S/2114R Datasheet HTML 463Page - Renesas Technology Corp H8S/2114R Datasheet HTML 464Page - Renesas Technology Corp H8S/2114R Datasheet HTML 465Page - Renesas Technology Corp H8S/2114R Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1038 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 3.00 Jul. 14, 2005 Page 414 of 986
REJ09B0098-0300
WOVI0
(Interrupt request signal)
Internal NMI
(Interrupt request signal*2)
RESO signal*1
Internal reset signal*1
TCNT_0
TCSR_0
φ/2
φ/64
φ/128
φ/512
φ/2048
φ/8192
φ/32768
φ/131072
Internal clock
Overflow
Interrupt
control
Reset
control
WOVI1
(Interrupt request signal)
Internal reset signal*1
RESO signal*1
TCNT_1
TCSR_1
φ/2
φ/64
φ/128
φ/512
φ/2048
φ/8192
φ/32768
φ/131072
Clock
Clock
selection
Internal clock
Bus
interface
Module bus
TCSR_0: Timer control/status register_0
TCNT_0: Timer counter_0
TCSR_1: Timer control/status register_1
TCNT_1: Timer counter_1
Notes: 1. The
RESO signal outputs the low level signal when the internal reset signal is
generated due to a TCNT overflow of either WDT_0 or WDT_1. The internal reset signal
first resets the WDT in which the overflow has occurred first.
2. The internal NMI interrupt signal can be independently output from either WDT_0 or WDT_1.
The interrupt controller does not distinguish the NMI interrupt request from WDT_0 from
that from WDT_1.
WDT_1
[Legend]
Internal NMI
(Interrupt request signal*2)
φSUB/2
φSUB/4
φSUB/8
φSUB/16
φSUB/32
φSUB/64
φSUB/128
φSUB/256
Overflow
Interrupt
control
Reset
control
Clock
Clock
selection
Bus
interface
Module bus
WDT_0
Figure 14.1 Block Diagram of WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com