Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 500 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 496Page - Renesas Technology Corp H8S/2114R Datasheet HTML 497Page - Renesas Technology Corp H8S/2114R Datasheet HTML 498Page - Renesas Technology Corp H8S/2114R Datasheet HTML 499Page - Renesas Technology Corp H8S/2114R Datasheet HTML 500Page - Renesas Technology Corp H8S/2114R Datasheet HTML 501Page - Renesas Technology Corp H8S/2114R Datasheet HTML 502Page - Renesas Technology Corp H8S/2114R Datasheet HTML 503Page - Renesas Technology Corp H8S/2114R Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 452 of 986
REJ09B0098-0300
Table 15.7
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
4
0.6667
666666.7
14
2.3333
2333333.3
6
1.0000
1000000.0
16
2.6667
2666666.7
8
1.3333
1333333.3
18
3.0000
3000000.0
10
1.6667
1666666.7
20
3.3333
3333333.3
12
2.0000
2000000.0
Table 15.8
BRR Settings for Various Bit Rates (Smart Card Interface Mode, n = 0, s = 372)
Operating Frequency
φ (MHz)
7.1424
10.00
13.00
14.2848
16.00
Bit Rate
(bit/s)
n N Error (%) n N Error (%) n N Error (%) n
N Error (%) n
N Error (%)
9600
0
0
0.00
0
1
30
0
1
-8.99
0
1
0.00
0
1
12.01
Operating Frequency
φ (MHz)
18.00
20.00
Bit Rate
(bit/s)
n N Error (%) n N Error (%)
9600
0
2
-15.99
0
2
-6.65
Table 15.9
Maximum Bit Rate for Each Frequency (Smart Card Interface Mode, S = 372)
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
7.1424
9600
0
0
16.00
21505
0
0
10.00
13441
0
0
18.00
24194
0
0
13.00
17473
0
0
20.00
26882
0
0
14.2848
19200
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com