Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 501 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 497Page - Renesas Technology Corp H8S/2114R Datasheet HTML 498Page - Renesas Technology Corp H8S/2114R Datasheet HTML 499Page - Renesas Technology Corp H8S/2114R Datasheet HTML 500Page - Renesas Technology Corp H8S/2114R Datasheet HTML 501Page - Renesas Technology Corp H8S/2114R Datasheet HTML 502Page - Renesas Technology Corp H8S/2114R Datasheet HTML 503Page - Renesas Technology Corp H8S/2114R Datasheet HTML 504Page - Renesas Technology Corp H8S/2114R Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 453 of 986
REJ09B0098-0300
15.3.10
Keyboard Comparator Control Register (KBCOMP)
KBCOMP controls IrDA operation of SCI_1.
Bit
Bit Name
Initial Value
R/W
Description
7
IrE
0
R/W
IrDA Enable
Specifies SCI_1 I/O pins for either normal SCI or
IrDA.
0: TxD1/IrTxD and RxD1/IrRxD pins function as
TxD1 and RxD1 pins, respectively
1: TxD1/IrTxD and RxD1/IrRxD pins function as
IrTxD and IrRxD pins, respectively
6
5
4
IrCKS2
IrCKS1
IrCKS0
0
0
0
R/W
R/W
R/W
IrDA Clock Select 2 to 0
Specifies the high-level width of the clock pulse
during IrTxD output pulse encoding when the IrDA
function is enabled.
000: B x 3/16 (three sixteenths of the bit rate)
001:
φ/2
010:
φ/4
011:
φ/8
100:
φ/16
101:
φ/32
110:
φ/64
111:
φ/128
3
IrTxINV
0
R/W
IrTx Data Invert
Specifies the inversion of the logic level of the output
from IrTxD. When the inversion is specified, IrCKS2
to IrCKS0 specify the low-level width, not the high-
level width.
0: Transmit data is output from IrTxD as it is
1: Transmit data is inverted before being output
from IrTxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com