Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 530 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 530 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 526Page - Renesas Technology Corp H8S/2114R Datasheet HTML 527Page - Renesas Technology Corp H8S/2114R Datasheet HTML 528Page - Renesas Technology Corp H8S/2114R Datasheet HTML 529Page - Renesas Technology Corp H8S/2114R Datasheet HTML 530Page - Renesas Technology Corp H8S/2114R Datasheet HTML 531Page - Renesas Technology Corp H8S/2114R Datasheet HTML 532Page - Renesas Technology Corp H8S/2114R Datasheet HTML 533Page - Renesas Technology Corp H8S/2114R Datasheet HTML 534Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 482 of 986
REJ09B0098-0300
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
In normal transmission/reception
Output from the transmitting station
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
When a parity error is generated
Output from the transmitting station
DE
Output from
the receiving station
Legend
Ds:
Start bit
D0 to D7 :
Data bits
Dp:
Parity bit
DE:
Error signal
Figure 15.22 Data Formats in Normal Smart Card Interface Mode
For communication with the IC cards of the direct convention and inverse convention types,
follow the procedure below.
Ds
AZ
Z
A
Z
Z
Z
ZA
A
(Z)
(Z) state
D0
D1
D2
D3
D4
D5
D6
D7
Dp
Figure 15.23 Direct Convention (SDIR = SINV = O/
E = 0)
For the direct convention type, logic levels 1 and 0 correspond to states Z and A, respectively, and
data is transferred with LSB-first as the start character, as shown in figure 15.23. Therefore, data
in the start character in the figure is H'3B. When using the direct convention type, write 0 to both
the SDIR and SINV bits in SCMR. Write 0 to the O/
E bit in SMR in order to use even parity,
which is prescribed by the smart card standard.
Ds
AZ
Z
A
A
A
Z
AA
A
(Z)
(Z) state
D7
D6
D5
D4
D3
D2
D1
D0
Dp
Figure 15.24 Inverse Convention (SDIR = SINV = O/
E = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com