Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 531 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 527Page - Renesas Technology Corp H8S/2114R Datasheet HTML 528Page - Renesas Technology Corp H8S/2114R Datasheet HTML 529Page - Renesas Technology Corp H8S/2114R Datasheet HTML 530Page - Renesas Technology Corp H8S/2114R Datasheet HTML 531Page - Renesas Technology Corp H8S/2114R Datasheet HTML 532Page - Renesas Technology Corp H8S/2114R Datasheet HTML 533Page - Renesas Technology Corp H8S/2114R Datasheet HTML 534Page - Renesas Technology Corp H8S/2114R Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 1038 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 3.00 Jul. 14, 2005 Page 483 of 986
REJ09B0098-0300
For the inverse convention type, logic levels 1 and 0 correspond to states A and Z, respectively
and data is transferred with MSB-first as the start character, as shown in figure 15.24. Therefore,
data in the start character in the figure is H'3F. When using the inverse convention type, write 1 to
both the SDIR and SINV bits in SCMR. The parity bit is logic level 0 to produce even parity,
which is prescribed by the smart card standard, and corresponds to state Z. Since the SINV bit of
this LSI only inverts data bits D7 to D0, write 1 to the O/
E bit in SMR to invert the parity bit in
both transmission and reception.
15.7.3
Block Transfer Mode
Block transfer mode is different from normal smart card interface mode in the following respects.
• If a parity error is detected during reception, no error signal is output. Since the PER bit in
SSR is set by error detection, clear the bit before receiving the parity bit of the next frame.
• During transmission, at least 1 etu is secured as a guard time after the end of the parity bit
before the start of the next frame.
• Since the same data is not re-transmitted during transmission, the TEND flag in SSR is set
11.5 etu after transmission start.
• Although the ERS flag in block transfer mode displays the error signal status as in normal
smart card interface mode, the flag is always read as 0 because no error signal is transferred.
15.7.4
Receive Data Sampling Timing and Reception Margin
Only the internal clock generated by the internal baud rate generator can be used as a
communication clock in smart card interface mode. In this mode, the SCI can operate using a
basic clock with a frequency of 32, 64, 372, or 256 times the bit rate according to the BCP1 and
BCP0 settings (the frequency is always 16 times the bit rate in normal asynchronous mode). At
reception, the falling edge of the start bit is sampled using the internal basic clock in order to
perform internal synchronization. Receive data is sampled at the 16th, 32nd, 186th and 128th
rising edges of the basic clock pulses so that it can be latched at the center of each bit as shown in
figure 15.25. The reception margin here is determined by the following formula.
M =
 (0.5 –
) – (L – 0.5) F –
(1 + F)
 × 100 [%] ... Formula (1)
2N
1
N
 D – 0.5 
M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, 256)
D: Clock duty (D = 0 to 1.0)
L: Frame length (L = 10)
F: Absolute value of clock rate deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com