Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 104 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 100Page - Renesas Technology Corp H8S/2114R Datasheet HTML 101Page - Renesas Technology Corp H8S/2114R Datasheet HTML 102Page - Renesas Technology Corp H8S/2114R Datasheet HTML 103Page - Renesas Technology Corp H8S/2114R Datasheet HTML 104Page - Renesas Technology Corp H8S/2114R Datasheet HTML 105Page - Renesas Technology Corp H8S/2114R Datasheet HTML 106Page - Renesas Technology Corp H8S/2114R Datasheet HTML 107Page - Renesas Technology Corp H8S/2114R Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 56 of 986
REJ09B0098-0300
2.9
Usage Notes
2.9.1
Note on TAS Instruction Usage
To use the TAS instruction, use registers ER0, ER1, ER4, and ER5.
The TAS instruction is not generated by the Renesas Technology H8S and H8/300 series C/C++
compilers. When the TAS instruction is used as a user-defined intrinsic function, registers ER0,
ER1, ER4, and ER5 should be used.
2.9.2
Note on STM/LDM Instruction Usage
Since the ER7 register is used as the stack pointer in an STM/LDM instruction, it cannot be used
as a register that allows save (STM) or restore (LDM) operation. Two to four registers can be
saved/restored by single STM/LDM instruction. Available registers are listed below.
Two: ER0 and ER1, ER2 and ER3, ER4 and ER5
Three: ER0 to ER2, ER4 to ER6
Four: ER0 to ER3
The STM/LDM instruction with ER7 is not created by the Renesas Technology H8S or H8/300
series C/C++ compilers.
2.9.3
Note on Bit Manipulation Instructions
The BSET, BCLR, BNOT, BST, and BIST instructions read data in byte units, manipulate the
data of the target bit, and write data in byte units. Special care is required when using these
instructions in cases where a register containing a write-only bit is used or a bit is directly
manipulated for a port.
In addition, the BCLR instruction can be used to clear the flag of the internal I/O register. In this
case, if the flag to be cleared has been set to 1 by an interrupt processing routine, the flag need not
be read before executing the BCLR instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com