Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 127 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 123Page - Renesas Technology Corp H8S/2114R Datasheet HTML 124Page - Renesas Technology Corp H8S/2114R Datasheet HTML 125Page - Renesas Technology Corp H8S/2114R Datasheet HTML 126Page - Renesas Technology Corp H8S/2114R Datasheet HTML 127Page - Renesas Technology Corp H8S/2114R Datasheet HTML 128Page - Renesas Technology Corp H8S/2114R Datasheet HTML 129Page - Renesas Technology Corp H8S/2114R Datasheet HTML 130Page - Renesas Technology Corp H8S/2114R Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 79 of 986
REJ09B0098-0300
Section 5 Interrupt Controller
5.1
Features
• Two interrupt control modes
Two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the system
control register (SYSCR).
• Priorities settable with ICR
An interrupt control register (ICR) is provided for setting in each module interrupt priority
levels for all interrupt requests excluding NMI and address breaks.
• Three-level interrupt mask control
By means of the interrupt control mode, I and UI bits in CCR and ICR, 3-level interrupt mask
control is performed.
• Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
• Forty-nine external interrupt pins
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
detection can be selected for NMI. Falling-edge, rising-edge, or both-edge detection, or level
sensing, can be independently selected for
IRQ15 to IRQ0. When the EIVS bit in the system
control register 3 (SYSCR3) is cleared to 0, the IRQ6 interrupt is generated by
IRQ6 or KIN7
to
KIN0. The IRQ7 interrupt is generated by IRQ7, KIN15 to KIN8, or WUE7 to WUE0.
When the EIVS bit in the system control register 3 (SYSCR3) is set to 1, an interrupt is
requested at the falling edge of
KIN15 to KIN0 and WUE15 to WUE0.
• DTC control
The DTC can be activated by an interrupt request.
• Two interrupt vector addresses are selectable
H8S/2140B Group compatible interrupt vector addresses or extended interrupt vector
addresses are selected depending on the EIVS bit in system control register 3 (SYSCR3). In
extended mode, independent vector addresses are assigned for the interrupt vector addresses of
KIN7 to KIN0, KIN15 to KIN8, and WUE7 to WUE0 interrupts.
• General ports for IRQ15 to IRQ0 input are selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com