Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 129 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 125Page - Renesas Technology Corp H8S/2114R Datasheet HTML 126Page - Renesas Technology Corp H8S/2114R Datasheet HTML 127Page - Renesas Technology Corp H8S/2114R Datasheet HTML 128Page - Renesas Technology Corp H8S/2114R Datasheet HTML 129Page - Renesas Technology Corp H8S/2114R Datasheet HTML 130Page - Renesas Technology Corp H8S/2114R Datasheet HTML 131Page - Renesas Technology Corp H8S/2114R Datasheet HTML 132Page - Renesas Technology Corp H8S/2114R Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 81 of 986
REJ09B0098-0300
5.2
Input/Output Pins
Table 5.1 summarizes the pins of the interrupt controller.
Table 5.1
Pin Configuration
Symbol
I/O
Function
NMI
Input
Nonmaskable external interrupt pin
Rising edge or falling edge can be selected
IRQ15 to IRQ0,
ExIRQ15 to ExIRQ0
Input
Maskable external interrupt pins
Rising-edge, falling-edge, or both-edge detection, or level-
sensing, can be selected individually for each pin. To which
pin the IRQ15 to IRQ0 interrupt is input can be selected from
the
IRQn and ExIRQn pins. (n = 15 to 0)
KIN15 to KIN0
Input
Maskable external interrupt pins
When EIVS = 0, falling-edge or level-sensing can be selected.
When EIVS = 1, an interrupt is requested at the falling edge.
WUE15 to WUE8
Input
Maskable external interrupt pins
An interrupt is requested at the falling edge.
WUE7 to WUE0
Input
Maskable external interrupt pins
When EIVS = 0, falling-edge or level-sensing can be selected.
When EIVS = 1, an interrupt is requested at the falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com