Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 134 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 130Page - Renesas Technology Corp H8S/2114R Datasheet HTML 131Page - Renesas Technology Corp H8S/2114R Datasheet HTML 132Page - Renesas Technology Corp H8S/2114R Datasheet HTML 133Page - Renesas Technology Corp H8S/2114R Datasheet HTML 134Page - Renesas Technology Corp H8S/2114R Datasheet HTML 135Page - Renesas Technology Corp H8S/2114R Datasheet HTML 136Page - Renesas Technology Corp H8S/2114R Datasheet HTML 137Page - Renesas Technology Corp H8S/2114R Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 86 of 986
REJ09B0098-0300
5.3.3
Break Address Registers A to C (BARA to BARC)
The BAR registers specify an address that is to be a break address. An address in which the first
byte of an instruction exists should be set as a break address. In normal mode, addresses A23 to
A16 are not compared.
• BARA
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
A23 to A16
All 0
R/W
Addresses 23 to 16
The A23 to A16 bits are compared with A23 to
A16 in the internal address bus.
• BARB
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
A15 to A8
All 0
R/W
Addresses 15 to 8
The A15 to A8 bits are compared with A15 to A8
in the internal address bus.
• BARC
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
A7 to A1
All 0
R/W
Addresses 7 to 1
The A7 to A1 bits are compared with A7 to A1 in
the internal address bus.
0
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com