Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 133 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 129Page - Renesas Technology Corp H8S/2114R Datasheet HTML 130Page - Renesas Technology Corp H8S/2114R Datasheet HTML 131Page - Renesas Technology Corp H8S/2114R Datasheet HTML 132Page - Renesas Technology Corp H8S/2114R Datasheet HTML 133Page - Renesas Technology Corp H8S/2114R Datasheet HTML 134Page - Renesas Technology Corp H8S/2114R Datasheet HTML 135Page - Renesas Technology Corp H8S/2114R Datasheet HTML 136Page - Renesas Technology Corp H8S/2114R Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 85 of 986
REJ09B0098-0300
5.3.2
Address Break Control Register (ABRKCR)
ABRKCR controls the address breaks. When both the CMF flag and BIE bit are set to 1, an
address break is requested.
Bit
Bit Name
Initial Value
R/W
Description
7
CMF
Undefined
R
Condition Match Flag
Address break source flag. Indicates that an
address specified by BARA to BARC is
prefetched.
[Clearing condition]
When an exception handling is executed for an
address break interrupt.
[Setting condition]
When an address specified by BARA to BARC is
prefetched while the BIE bit is set to 1.
6 to 1
—
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
0
BIE
0
R/W
Break Interrupt Enable
Enables or disables address break.
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com