Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 168 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 164Page - Renesas Technology Corp H8S/2114R Datasheet HTML 165Page - Renesas Technology Corp H8S/2114R Datasheet HTML 166Page - Renesas Technology Corp H8S/2114R Datasheet HTML 167Page - Renesas Technology Corp H8S/2114R Datasheet HTML 168Page - Renesas Technology Corp H8S/2114R Datasheet HTML 169Page - Renesas Technology Corp H8S/2114R Datasheet HTML 170Page - Renesas Technology Corp H8S/2114R Datasheet HTML 171Page - Renesas Technology Corp H8S/2114R Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 120 of 986
REJ09B0098-0300
5.6.5
DTC Activation by Interrupt
The DTC can be activated by an interrupt. In this case, the following options are available:
• Interrupt request to CPU
• Activation request to DTC
• Both of the above
For details on interrupt requests that can be used to activate the DTC, see section 7, Data Transfer
Controller (DTC). Figure 5.11 shows a block diagram of the DTC and interrupt controller.
Selection
circuit
DTCER
DTVECR
Control logic
Determination of
priority
CPU
DTC
DTC activation
request vector
number
Clear signal
CPU interrupt
request vector
number
Select
signal
Interrupt
request
Interrupt source
clear signal
IRQ
interrupt
On-chip
peripheral
module
Clear signal
Interrupt controller
I, UI
SWDTE
clear signal
Figure 5.11 Interrupt Control for DTC
The interrupt controller has three main functions in DTC control.
(1)
Selection of Interrupt Source
It is possible to select a DTC activation request or CPU interrupt request for an interrupt source
with the DTCE bit in DTCERA to DTCERE of the DTC. After a DTC data transfer, the DTCE bit
can be cleared to 0 and an interrupt request sent to the CPU in accordance with the specification of
the DISEL bit in MRB of the DTC. When the DTC performs the specified number of data
transfers and the transfer counter reaches 0, following the DTC data transfer the DTCE bit is
cleared to 0 and an interrupt request is sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com