Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 170 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 166Page - Renesas Technology Corp H8S/2114R Datasheet HTML 167Page - Renesas Technology Corp H8S/2114R Datasheet HTML 168Page - Renesas Technology Corp H8S/2114R Datasheet HTML 169Page - Renesas Technology Corp H8S/2114R Datasheet HTML 170Page - Renesas Technology Corp H8S/2114R Datasheet HTML 171Page - Renesas Technology Corp H8S/2114R Datasheet HTML 172Page - Renesas Technology Corp H8S/2114R Datasheet HTML 173Page - Renesas Technology Corp H8S/2114R Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1038 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jul. 14, 2005 Page 122 of 986
REJ09B0098-0300
5.7
Address Breaks
5.7.1
Features
With this LSI, it is possible to identify the prefetch of a specific address by the CPU and generate
an address break interrupt, using the ABRKCR and BAR registers. When an address break
interrupt is generated, address break interrupt exception handling is executed.
This function can be used to detect the beginning of execution of a bug location in the program,
and branch to a correction routine.
5.7.2
Block Diagram
Figure 5.12 shows a block diagram of the address break function.
BAR
Match
signal
ABRKCR
Comparator
Internal address
Prefetch signal
(internal signal)
Control logic
Address break
interrupt request
Figure 5.12 Block Diagram of Address Break Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com