Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 177 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 173Page - Renesas Technology Corp H8S/2114R Datasheet HTML 174Page - Renesas Technology Corp H8S/2114R Datasheet HTML 175Page - Renesas Technology Corp H8S/2114R Datasheet HTML 176Page - Renesas Technology Corp H8S/2114R Datasheet HTML 177Page - Renesas Technology Corp H8S/2114R Datasheet HTML 178Page - Renesas Technology Corp H8S/2114R Datasheet HTML 179Page - Renesas Technology Corp H8S/2114R Datasheet HTML 180Page - Renesas Technology Corp H8S/2114R Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1038 page
background image
Section 6 Bus Controller (BSC)
BSCS20AA_000020020700
Rev. 3.00 Jul. 14, 2005 Page 129 of 986
REJ09B0098-0300
Section 6 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC).
The BSC has a bus arbitration function, and controls the operation of the internal bus masters –
CPU, data transfer controller (DTC), and LPC interface (LPC).
Though this LSI does not have external extended functions, take care not to set inappropriate
values in the control registers related to the bus controller when utilizing software with other
similar products.
6.1
Features
• Bus arbitration function
Includes a bus arbiter that arbitrates bus mastership between the CPU, DTC, and LPC.
BCR
WSCR
Bus controller
Internal control signals
Bus mode signal
Bus arbiter
DTC bus acknowledge signal
CPU bus acknowledge signal
DTC bus request signal
CPU bus request signal
LPC bus request signal
LPC bus acknowledge signal
Figure 6.1 Block Diagram of BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com