Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 180 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 176Page - Renesas Technology Corp H8S/2114R Datasheet HTML 177Page - Renesas Technology Corp H8S/2114R Datasheet HTML 178Page - Renesas Technology Corp H8S/2114R Datasheet HTML 179Page - Renesas Technology Corp H8S/2114R Datasheet HTML 180Page - Renesas Technology Corp H8S/2114R Datasheet HTML 181Page - Renesas Technology Corp H8S/2114R Datasheet HTML 182Page - Renesas Technology Corp H8S/2114R Datasheet HTML 183Page - Renesas Technology Corp H8S/2114R Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 1038 page
background image
Section 6 Bus Controller (BSC)
Rev. 3.00 Jul. 14, 2005 Page 132 of 986
REJ09B0098-0300
6.3
Bus Arbitration
The BSC has a bus arbiter that arbitrates bus master operations. There are three bus masters –
CPU, DTC, and LPC – which perform read/write operations when they have possession of the
bus.
6.3.1
Priority of Bus Masters
Each bus master requests the bus by means of a bus request signal. The bus arbiter detects the bus
masters' bus request signals, and sends a bus request acknowledge signal to the bus master making
the request at the designated timing. If there are bus requests from more than one bus master, the
bus request acknowledge signal is sent to the one with the highest priority. When a bus master
receives the bus request acknowledge signal, it takes possession of the bus until that signal is
canceled. The priority order of the bus masters is as follows:
(High) LPC > DTC > CPU (Low)
6.3.2
Bus Transfer Timing
When a bus request is received from a bus master with a higher priority than that of the bus master
that has acquired the bus and is currently operating, the bus is not necessarily transferred
immediately. Each bus master can relinquish the bus at the timings given below.
(1)
CPU
The CPU is the lowest-priority bus master, and if a bus request is received from the DTC or LPC,
the bus arbiter transfers the bus to the DTC or LPC.
• DTC and LPC bus transfer timing
 The bus is transferred at a break between bus cycles.
However, if a bus cycle is executed in discrete operations, as in the case of a longword-size
access, the bus is not transferred between the component operations. For details, see section
2.7, Bus States During Instruction Execution, in the H8S/2600 Series, H8S/2000 Series
Programming Manual.
 If the CPU is in sleep mode, the bus is transferred immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com