Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 198 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 194Page - Renesas Technology Corp H8S/2114R Datasheet HTML 195Page - Renesas Technology Corp H8S/2114R Datasheet HTML 196Page - Renesas Technology Corp H8S/2114R Datasheet HTML 197Page - Renesas Technology Corp H8S/2114R Datasheet HTML 198Page - Renesas Technology Corp H8S/2114R Datasheet HTML 199Page - Renesas Technology Corp H8S/2114R Datasheet HTML 200Page - Renesas Technology Corp H8S/2114R Datasheet HTML 201Page - Renesas Technology Corp H8S/2114R Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 150 of 986
REJ09B0098-0300
7.5.3
Block Transfer Mode
In block transfer mode, one activation source transfers one block of data. Either the transfer source
or the transfer destination is designated as a block area. Table 7.5 lists the register functions in
block transfer mode. The block size can be between 1 and 256. When the transfer of one block
ends, the initial state of the block size counter and the address register that is specified as the block
area is restored. The other address register is then incremented, decremented, or left fixed
according to the register information. From 1 to 65,536 transfers can be specified. Once the
specified number of transfers has been completed, a CPU interrupt is requested.
Table 7.5
Register Functions in Block Transfer Mode
Name
Abbreviation
Function
DTC source address register
SAR
Transfer source address
DTC destination address register
DAR
Transfer destination address
DTC transfer count register AH
CRAH
Holds block size
DTC transfer count register AL
CRAL
Block size counter
DTC transfer count register B
CRB
Transfer counter
Transfer
SAR
or
DAR
DAR
or
SAR
Block area
•
•
•
1st block
N th block
Figure 7.7 Memory Mapping in Block Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com