Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 197 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 193Page - Renesas Technology Corp H8S/2114R Datasheet HTML 194Page - Renesas Technology Corp H8S/2114R Datasheet HTML 195Page - Renesas Technology Corp H8S/2114R Datasheet HTML 196Page - Renesas Technology Corp H8S/2114R Datasheet HTML 197Page - Renesas Technology Corp H8S/2114R Datasheet HTML 198Page - Renesas Technology Corp H8S/2114R Datasheet HTML 199Page - Renesas Technology Corp H8S/2114R Datasheet HTML 200Page - Renesas Technology Corp H8S/2114R Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1038 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 3.00 Jul. 14, 2005 Page 149 of 986
REJ09B0098-0300
7.5.2
Repeat Mode
In repeat mode, one activation source transfers one byte or one word of data. Table 7.4 lists the
register functions in repeat mode. From 1 to 256 transfers can be specified. Once the specified
number of transfers has been completed, the initial states of the transfer counter and the address
register that is specified as the repeat area is restored, and transfer is repeated. In repeat mode, the
transfer counter value does not reach H'00, and therefore CPU interrupts cannot be requested when
the DISEL bit in MRB is cleared to 0.
Table 7.4
Register Functions in Repeat Mode
Name
Abbreviation
Function
DTC source address register
SAR
Transfer source address
DTC destination address register
DAR
Transfer destination address
DTC transfer count register AH
CRAH
Holds number of transfers
DTC transfer count register AL
CRAL
Transfer Count
DTC transfer count register B
CRB
Not used
Transfer
SAR
or
DAR
DAR
or
SAR
Repeat area
Figure 7.6 Memory Mapping in Repeat Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com