Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 241 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 237Page - Renesas Technology Corp H8S/2114R Datasheet HTML 238Page - Renesas Technology Corp H8S/2114R Datasheet HTML 239Page - Renesas Technology Corp H8S/2114R Datasheet HTML 240Page - Renesas Technology Corp H8S/2114R Datasheet HTML 241Page - Renesas Technology Corp H8S/2114R Datasheet HTML 242Page - Renesas Technology Corp H8S/2114R Datasheet HTML 243Page - Renesas Technology Corp H8S/2114R Datasheet HTML 244Page - Renesas Technology Corp H8S/2114R Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 193 of 986
REJ09B0098-0300
8.8.3
Pin Functions
• P86/IRQ5/SCK1/SCL1
The pin function is switched as shown below according to the combination of the SCL1AS
and SCL1BS bits in PTCNT1, ICE bit in ICCR of IIC_1, C/
A bit in SMR of SCI_1, CKE0
and CKE1 bits in SCR, and the P86DDR bit. When the ISS5 bit in ISSR is cleared to 0 and the
IRQ5E bit in IER of the interrupt controller is set to 1, this pin can be used as the
IRQ5 input
pin. IICENABLE in the following table is expressed by the following logical expressions.
IICENABLE = 1 : ICE •
SCL1AS • SCL1BS
IICENABLE
0
1
CKE1
0
1
0
C/
A
0
1
0
CKE0
0
1
0
P86DDR
0
1
P86 input pin
P86 output pin SCK1 output pin
SCK1 input pin
SCL1 input/output pin
Pin function
IRQ5 input pin
Note:
To use this pin as the SCL1 input/output pin, clear the SCL1AS and SCL1BS bits in
PTCNT1, CKE1, CKE0 bits in SCR of SCI_1 and C/
A bit in SMR to 0. The output format for
SCL1 is NMOS output only, and direct bus drive is possible. When this pin is used as the
P86 output pin or SCK1 output pin, the output format is NMOS push-pull output.
• P85/IRQ4/RxD1/IrRxD
The pin function is switched as shown below according to the combination of the RE bit in
SCR of SCI_1 and the P85DDR bit. When the ISS4 bit in ISSR is cleared to 0 and the IRQ4E
bit in IER of the interrupt controller is set to 1, this pin can be used as the
IRQ4 input pin.
RE
0
1
P85DDR
0
1
P85 input pin
P85 output pin
RxD1 input pin/IrRxD input pin
Pin function
IRQ4 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com