Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 242 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 238Page - Renesas Technology Corp H8S/2114R Datasheet HTML 239Page - Renesas Technology Corp H8S/2114R Datasheet HTML 240Page - Renesas Technology Corp H8S/2114R Datasheet HTML 241Page - Renesas Technology Corp H8S/2114R Datasheet HTML 242Page - Renesas Technology Corp H8S/2114R Datasheet HTML 243Page - Renesas Technology Corp H8S/2114R Datasheet HTML 244Page - Renesas Technology Corp H8S/2114R Datasheet HTML 245Page - Renesas Technology Corp H8S/2114R Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1038 page
background image
Section 8 I/O Ports
Rev. 3.00 Jul. 14, 2005 Page 194 of 986
REJ09B0098-0300
• P84/IRQ3/TxD1/IrTxD
The pin function is switched as shown below according to the combination of the TE bit in
SCR of SCI_1 and the P84DDR bit. When the ISS3 bit in ISSR is cleared to 0 and the IRQ3E
bit in IER of the interrupt controller is set to 1, this pin can be used as the
IRQ3 input pin.
TE
0
1
P84DDR
0
1
P84 input pin
P84 output pin
TxD1 output pin/IrTxD output pin
Pin function
IRQ3 input pin
• P83/LPCPD
The pin function is switched as shown below according to the combination of the LPC4E bit
in HICR4 of LPC, LPC3E to LPC1E bits in HICR0, LMCE bit in LMCCR1, and the P83DDR
bit. LPCENABLE in the following table is expressed by the following logical expressions.
LPCENABLE : LPC4E + LPC3E + LPC2E + LPC1E + LMCE
LPCENABLE
0
1
P83DDR
0
1
Pin function
P83 input pin
P83 output pin
LPCPD input pin
• P82/CLKRUN
The pin function is switched as shown below according to the combination of the LPC4E bit
in HICR4 of LPC, LPC3E to LPC1E bits in HICR0, LMCE bit in LMCCR1, and the P82DDR
bit. LPCENABLE in the following table is expressed by the following logical expressions.
LPCENABLE : LPC4E + LPC3E + LPC2E + LPC1E + LMCE
LPCENABLE
0
1
P82DDR
0
1
Pin function
P82 input pin
P82 output pin
CLKRUN input/output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com